| データシートサーチシステム |
|
2201813 データシート(PDF) 21 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2201813 データシート(HTML) 21 Page - PHOENIX CONTACT |
|
21 / 27 page ![]() ME-IO 18,8... 105787_en_02 PHOENIX CONTACT 21 / 27 9 Mounting the housing 9.1 Assembling the Lock and Release system When the PCB is completely assembled, the orange Lock and Release system, included in the scope of delivery of the lower housing part, has to be assembled. To do this, proceed as follows: • Solder the header onto the PCB. Figure 41 Attaching the Lock and Release system • Attach the orange Lock and Release system onto the header. The recesses of the Lock and Release system have to fit over the protruding guide pins of the header. Press the Lock and Release system against the header. Figure 42 Attaching the spring • Attach the spring which is included in the scope of de- livery. The spring is inserted at one of the possible posi- tions. 9.2 Inserting the PCB Figure 43 Inserting the PCB • Insert the PCB into the guide slot of the housing and push it downwards until it audibly snaps in. Pay attention to the positioning of the connectors and the headers (see page 6). |