| データシートサーチシステム |
|
EV-RPG2-ENZ データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EV-RPG2-ENZ データシート(HTML) 7 Page - Analog Devices |
|
7 / 21 page ![]() Data Sheet ADIN2299 SPECIFICATIONS analog.com Rev. 0 | 7 of 21 SPI Follower Interface Timing Table 6 and Figure 5 describe the SPI port follower timing specifications. Note that, in SPI follower mode, the SPI clock is supplied externally (fSPICLKEXT). To calculate the timing for the external SPI clock, use the following equation: tSPICLKEXT = 1/fSPICLKEXT Table 6. SPI Port Follower Timing Parameter Min Max Unit fSPICLKEXT SPI0_CLK Frequency 10 MHz tSPICHS SPI0_CLK High Period 0.5 × tSPICLKEXT – 1 ns tSPICLS SPI0_CLK Low Period 0.5 × tSPICLKEXT–1 ns tSPICLK SPI0_CLK Period tSPICLKEXT–1 ns tHDS Last SPI0_CLK Edge to SPI0_SEL3_SS Not Asserted 5 ns tSPITDS Sequential Transfer Delay tSPICLK – 1 ns tSDSCI SPI0_SEL3_SS Assertion to First SPI_CLK Edge 10.5 ns tSSPID Data Input Valid to SPI0_CLK Edge (Data Input Setup) 2 ns tHSPID SPI0_CLK Sampling Edge to Data Input Invalid 1.6 ns tDSOE SPI0_SEL3_SS Assertion to Data Out Active 0 14 ns tDSDHI SPI0_SEL3_SS Deassertion to Data High Impedance 0 12.5 ns tDDSPID SPI0_CLK Edge to Data Out Valid (Data Out Delay) 14 ns tHDSPID SPI0_CLK Edge to Data Out Invalid (Data Out Hold) 0 ns Figure 5. SPI Follower Timing |