データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV-RPG2-ECZ データシート(PDF) 9 Page - Analog Devices

部品番号 EV-RPG2-ECZ
部品情報  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ECZ データシート(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-ECZ Datasheet HTML 5Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 6Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 7Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 9Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 10Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P5,
P15, R6, R9, R12, R13, T17
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21