| データシートサーチシステム |
|
ADPD4200 データシート(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4200 データシート(HTML) 28 Page - Analog Devices |
|
28 / 93 page ![]() Data Sheet ADPD4200 APPLICATIONS INFORMATION analog.com Rev. 0 | 28 of 93 ► Setting the ZERO_ADJUST_x bit = 1, which adds 2048 codes to the end result. Figure 26. Diagram of Integrator Chopping Sequence Table 17. Register Settings for Integrator Chop Mode Group Time Slot A Register Address1 Bit Field Name Description Integrator Chop Mode 0x010D, Bits[7:4] SUBTRACT_x Four-pulse subtract pattern. Set to 1 to negate the math operation in the matching position in a group of four pulses. The LSB maps to the first pulse. 0x010D, Bits[3:0] REVERSE_INTEG_x Four-pulse integration reverse pattern. Set to 1 to reverse the integrator positive and negative pulse order in the matching position in a group of four pulses. The LSB maps to the first pulse. 1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x010D is the location for SUBTRACT_A. For Time Slot B, this register is at Address 0x012D. For Time Slot C, this register is at Address 0x014D. For Time Slot D, this register is at Address 0x016D, and so on. |