データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSK4304ED データシート(PDF) 2 Page - M.S. Kennedy Corporation

部品番号 MSK4304ED
部品情報  10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSK [M.S. Kennedy Corporation]
ホームページ  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4304ED データシート(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4304ED Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4304ED Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2 and 3.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
OUTPUT CHARACTERISTICS
Leakage Current (Each MOSFET)
Reverse Recovery Time
BIAS SUPPLY CHARACTERISTICS
+Vcc Bias Current
+VB Bias Current
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 4303
MSK 4303H/E
Junction Temperature
2
ABSOLUTE MAXIMUM RATINGS
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance @ 125°C
(Output Switches)(Junction to Case)
ELECTRICAL SPECIFICATIONS
Parameters
MSK 4303H/E
Min.
Typ.
Max.
Ic=10A
Ic=10A
V+ = 75V
V+ = 75V
V+ = 75V
ID=10A, di/dt=100A/µS
+Vcc=15V
+VB=15V
+Vcc=15V
+Vcc=15V
+Vcc Positive Going Threshold
+Vcc Negative Going Threshold
Low Side Turn-off to High Side Turn-On
High Side Turn-off to Low Side Turn-On
-
-
-
-
-
-
-
-
-
-
-
-
2.7
-
8.0
7.4
280
4
0.013
0.026
0.013
1.2
1.5
1.0
25
250
25
-
20
9
-
0.8
9.8
9.0
520
6
-
-
-
-
-
-
-
-
-
-
-
-
2.7
-
8.0
7.4
280
4
-
-
-
0.56
-
-
1
-
-
120
12
6
-
-
8.9
8.2
400
5
0.013
-
-
1.4
-
-
25
-
-
-
20
9
-
0.8
9.8
9.0
520
6
MSK 4303
Min.
Typ. Max.
1
2
3
1
2
3
1
2
3
-
1,2,3
1,2,3
-
-
1,2,3
1,2,3
-
-
-
-
-
0.56
0.78
0.42
1
10
1
120
12
6
-
-
8.9
8.2
400
5
Ω
Ω
Ω
volts
volts
volts
µA
mA
mA
nS
mA
mA
volts
volts
volts
volts
nSEC
µSEC
3
GROUP A
SUBGROUP
5
Test Conditions
NOTES:
1
-65° to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
TsT
TLD
TC
TJ
V+
VCC
IOUT
IPK
θJC
75V
18V
10A
14A
1.5°C/W
UNITS
2
Under-voltage Lockout
Dead Time
Drain-Source ON Resistance
(each MOSFET) (for thermal calculations only)
Drain-Source Voltage (VDS(on))
(each MOSFET)
1
Rev. B
11/05
1
2
3
4
5
6
6
1
1
1



Html Pages

1 2 3 4 5 6