| データシートサーチシステム |
|
MIC79050 データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC79050 データシート(HTML) 18 Page - Microchip Technology |
|
18 / 28 page ![]() MIC79050 DS20005771B-page 18 2017 - 2022 Microchip Technology Inc. and its subsidiaries. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Example Example XXXXX X.XYNNNP 8-Lead SOIC* 3-Lead SOT-223* Example 8-Lead MSOP* (front) 79050 4.2Y922P XXXXX -X.XY 79050 -4.2Y XXXXX -X.XXX WNNN 79050 -4.2YM 9722 Example 8-Lead MSOP* (back) WNNN 9722 Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |