データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC826 データシート(PDF) 1 Page - Microchip Technology

部品番号 MIC826
部品情報  Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826 データシート(HTML) 1 Page - Microchip Technology

  MIC826 Datasheet HTML 1Page - Microchip Technology MIC826 Datasheet HTML 2Page - Microchip Technology MIC826 Datasheet HTML 3Page - Microchip Technology MIC826 Datasheet HTML 4Page - Microchip Technology MIC826 Datasheet HTML 5Page - Microchip Technology MIC826 Datasheet HTML 6Page - Microchip Technology MIC826 Datasheet HTML 7Page - Microchip Technology MIC826 Datasheet HTML 8Page - Microchip Technology MIC826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006668A-page 1
MIC826
Features
• Precision 1.8V to 5V Power Supply Monitor
• ±0.5% Threshold Accuracy at TA = +25°C
• ±1.5% Threshold Accuracy from TA = –40°C to
+125°C
• 3.8 µA Supply Current (MIC826S/R/T/W/Y/Z)
• 4.8 µA Supply Current (MIC826L/M)
• Manual Reset Input
• 140 ms (min.) Reset Timeout Period
• 1.6s (typ.) Watchdog Timeout Period
• Float Watchdog Timer Input to Disable Watchdog
Timer
• Active-High and Active-Low Push-Pull Outputs
• Ensured Reset Output Valid to VCC = 1V
• –40°C to +125°C Junction Temperature Range
• 6-Lead 1.6 mm x 1.6 mm x 0.5 mm UDFN
Package
• 50% Smaller Version of MAX823/MAX824/
MAX825/ADM823/ADM824/ADM825
• 8x Lower Watchdog Input Current than the
Competition
Applications
• Microprocessor Systems
• Computers
• Intelligent Instruments
General Description
The MIC826 is a low-current, ultra-small, voltage
supervisor with manual reset input, watchdog timer,
and active-high and active-low push-pull outputs. The
reset outputs are asserted and held when the supply
voltage falls below the factory-programmed threshold
voltage, when the /MR pin is pulled low, or if the
watchdog times out. Reset is asserted for the reset
timeout delay after the supply voltage increases above
the rising threshold voltage or when manual reset input
is asserted high.
The MIC826 features an integrated pull-up resistor on
the /MR. An active-low push-pull reset output (/RESET)
and an active-high reset output (RESET) provide
flexibility
when
interfacing
with
various
microcontrollers, PMICs, or load switches. The
watchdog input can be left unconnected for
applications that do not require watchdog monitoring.
The MIC826 consumes a quiescent current of only
3.8 µA and is offered in a tiny, space-saving, 6-lead
1.6 mm x 1.6 mm UDFN package. It is rated for the
–40°C to +125°C temperature range.
Package Type
MIC826
6-Lead 1.6 mm x 1.6 mm UDFN (MT)
(Top View)
1
/RESET
GND
RESET
6
VCC
/MR
WDI
5
4
2
3
EP
Voltage Supervisor with Watchdog Timer,
Manual Reset, and Dual Outputs


同様の部品番号 - MIC826

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
MIC826LYMT MICREL-MIC826LYMT Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
MIC826MYMT MICREL-MIC826MYMT Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
MIC826RYMT MICREL-MIC826RYMT Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
MIC826SYMT MICREL-MIC826SYMT Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
More results

同様の説明 - MIC826

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Maxim Integrated Produc...
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com