データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP7940NT-I/ST データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP7940NT-I/ST
部品情報  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-I/ST データシート(HTML) 13 Page - Microchip Technology

Back Button MCP7940NT-I/ST Datasheet HTML 9Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 10Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 11Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 12Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 13Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 14Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 15Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 16Page - Microchip Technology MCP7940NT-I/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 13
MCP7940N
5.2
Oscillator Configuration
The MCP7940N can be operated in two different oscil-
lator configurations: using an external crystal or using
an external clock input.
5.2.1
EXTERNAL CRYSTAL
The crystal oscillator circuit on the MCP7940N is
designed to operate with a standard 32.768 kHz tuning
fork crystal and matching external load capacitors. By
using external load capacitors, the MCP7940N allows
for a wide selection of crystals. Suitable crystals have a
load capacitance (CL) of 6-9 pF. Crystals with a load
capacitance of 12.5 pF are not recommended.
Figure 5-2 shows the pin connections when using an
external crystal.
FIGURE 5-2:
CRYSTAL OPERATION
5.2.1.1
Choosing Load Capacitors
CL is the effective load capacitance as seen by the
crystal, and includes the physical load capacitors, pin
capacitance, and stray board capacitance. Equation 5-1
can be used to calculate CL.
CX1 and CX2 are the external load capacitors. They
must be chosen to match the selected crystal’s
specified load capacitance.
EQUATION 5-1:
LOAD CAPACITANCE
CALCULATION
5.2.1.2
Layout Considerations
The oscillator circuit should be placed on the same
side of the board as the device. Place the oscillator
circuit close to the respective oscillator pins. The load
capacitors should be placed next to the oscillator
itself, on the same side of the board.
Use a grounded copper pour around the oscillator
circuit to isolate it from surrounding circuits. The
grounded copper pour should be routed directly to VSS.
Do not run any signal traces or power traces inside the
ground pour. Also, if using a two-sided board, avoid any
traces on the other side of the board where the crystal
is placed.
Layout suggestions are shown in Figure 5-3. In-line
packages may be handled with a single-sided layout
that completely encompasses the oscillator pins. With
fine-pitch packages, it is not always possible to com-
pletely surround the pins and components. A suitable
solution is to tie the broken guard sections to a mirrored
ground layer. In all cases, the guard trace(s) must be
returned to ground.
For additional information and design guidance on
oscillator circuits, refer to these Microchip Application
Notes,
available
at
the
corporate
website
(www.microchip.com):
• AN1365, “Recommended Usage of Microchip
Serial RTCC Devices”
• AN1519, “Recommended Crystals for Microchip
Stand-Alone Real-Time Clock Calendar Devices”
Note 1: The ST bit must be set to enable the
crystal oscillator circuit.
2: Always verify oscillator performance over
the voltage and temperature range that is
expected for the application.
Note:
If the load capacitance is not correctly
matched to the chosen crystal’s specified
value, the crystal may give a frequency
outside of the crystal manufacturer’s
specifications.
CX1
CX2
Quartz
X1
ST
To Internal
Logic
Crystal
X2
MCP7940N
CL
CX1 CX2
CX1 CX2
+
--------------------------
CSTRAY
+
=
Where:
CL
Effective load capacitance
=
CX1
Capacitor value on X1 COSC
+
=
CX2
Capacitor value on X2 COSC
+
=
CSTRAY
PCB stray capacitance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58