| データシートサーチシステム |
|
MCP79520-I/MS データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79520-I/MS データシート(HTML) 23 Page - Microchip Technology |
|
23 / 58 page ![]() 2012-2022 Microchip Technology Inc. and its subsidiaries DS20002300D-page 23 MCP7951X/MCP7952X FIGURE 5-7: ALARM BLOCK DIAGRAM 5.4.1 CONFIGURING THE ALARM In order to configure the alarm modules, the following steps need to be performed: 1. Load the timekeeping registers and enable the oscillator. 2. Configure the ALMxMSK<2:0> bits to select the desired alarm mask. 3. Ensure the ALMxIF flag is cleared. 4. Based on the selected alarm mask, load the alarm match value into the appropriate register(s). 5. Enable the alarm module by setting the ALMxEN bit. RTCSEC RTCMIN RTCHOUR RTCWKDAY RTCDATE RTCMTH Timekeeping Registers Alarm 0 Registers Alarm 0 Mask Alarm 1 Mask Comparator Comparator MFP Set ALM0IF Set ALM1IF ALM0MSK<2:0> ALM1MSK<2:0> RTCHSEC ALM0MIN ALM0HOUR ALM0WKDAY ALM0DATE ALM0MTH ALM0SEC Alarm 1 Registers ALM1SEC ALM1MIN ALM1HOUR ALM1WKDAY ALM1DATE ALM1HSEC MFP Output Logic |