| データシートサーチシステム |
|
74F158ASJ データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F158ASJ データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF9484 November 1994 54F74F158A Quad 2-Input Multiplexer General Description The ’F158A is a high speed quad 2-input multiplexer It se- lects four bits of data from two sources using the common Select and Enable inputs The four outputs present the se- lected data in the inverted form The ’F158A can also gener- ate any four of the 16 different functions of two variables Features Y Guaranteed 4000V minimum ESD protection Commercial Military Package Package Description Number 74F158APC N16E 16-Lead (0300 Wide) Molded Dual-In-Line 54F158ADM (Note 2) J16A 16-Lead Ceramic Dual-In-Line 74F158ASC (Note 1) M16A 16-Lead (0150 Wide) Molded Small Outline JEDEC 74F158ASJ (Note 1) M16D 16-Lead (0300 Wide) Molded Small Outline EIAJ 54F158AFM (Note 2) W16A 16-Lead Cerpack 54F158ALM (Note 2) E20A 20-Lead Ceramic Leadless Chip Carrier Type C Note 1 Devices also available in 13 reel Use suffix e SCX and SJX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB Logic Symbols Connection Diagrams TLF9484 – 3 IEEEIEC TLF9484 – 5 Pin Assignment for DIP SOIC and Flatpak TLF9484 – 1 Pin Assignment for LCC TLF9484 – 2 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
同様の部品番号 - 74F158ASJ |
|
同様の説明 - 74F158ASJ |