| データシートサーチシステム |
|
WM8581 データシート(PDF) 30 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8581 データシート(HTML) 30 Page - Wolfson Microelectronics plc |
|
30 / 94 page ![]() WM8581 Product Preview w PP Rev 1.0 March 2006 30 DAC FEATURES DAC INPUT CONTROL The Primary Audio Interface Receiver has a separate input pin for each stereo DAC. Any input pin can be routed to any DAC using the DACSEL register bits. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 1:0 DAC1SEL [1:0] 00 3:2 DAC2SEL [1:0] 01 5:4 DAC3SEL [1:0] 10 R15 DAC CONTROL 1 0Fh 7:6 DAC4SEL [1:0] 11 DAC digital input select 00 = DAC takes data from DIN1 01 = DAC takes data from DIN2 10 = DAC takes data from DIN3 11 = DAC takes data from DIN4 Table 16 DAC Input Select Register DAC OVERSAMPLING CONTROL For sampling clock ratios of 256fs to 1152fs the DACs should be programmed to operate at 128 times oversampling rate. For sampling clock ratios of 128fs and 192fs, the DACs must be programmed to operate at 64 times oversampling rate. The DACOSR register bit selects between 128x and 64x oversampling. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R12 PAIF 3 0Ch 6 DACOSR 0 DAC Oversampling Rate Control 0= 128x oversampling 1= 64x oversampling Table 17 DAC Oversampling Register |