| データシートサーチシステム |
|
MSK5921-RHS データシート(PDF) 7 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK5921-RHS データシート(HTML) 7 Page - M.S. Kennedy Corporation |
|
7 / 7 page ![]() MECHANICAL SPECIFICATIONS ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED. ESD Triangle indicates pin 1. The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet. Contact MSK for MIL-PRF-38534 Class H, Class K and Appendix G (radiation) status. M.S. Kennedy Corp. 4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com ORDERING INFORMATION 7 WEIGHT=7.7 GRAMS TYPICAL MSK5921 K RH U The above example is an adjustable Class K regulator with leads bent up. LEAD CONFIGURATIONS S= STRAIGHT; U= BENT UP; D= BENT DOWN RADIATION HARDENED SCREENING BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY H=MIL-PRF-38534 CLASS H; K= MIL-PRF-38534 CLASS K GENERAL PART NUMBER Rev. B 11/05 NOTE: See DSCC SMD 5962-05220 for DSCC part number options. |