データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR4540DEZ-R7 データシート(PDF) 38 Page - Analog Devices

部品番号 ADR4540DEZ-R7
部品情報  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR4540DEZ-R7 データシート(HTML) 38 Page - Analog Devices

Back Button ADR4540DEZ-R7 Datasheet HTML 32Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 33Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 34Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 35Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 36Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 37Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 38Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 39Page - Analog Devices ADR4540DEZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. D | Page 38 of 40
POWER CYCLE HYSTERESIS
By power cycling large numbers of samples, the power cycle
hysteresis can be determined. To keep this measurement
independent of other variables and environmental effects, the
power cycle testing was performed using a high precision
measurement system, including an ultrastable oil bath.
Figure 122 shows the power cycle hysteresis. The units were
powered down for approximately four hours and then powered
up. The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 do not have any power cycle hysteresis even after a
long power-down period, making these devices very suitable for
equipment which must maintain its calibration accuracy
between power cycles.
4370 4380 4390 4400 4410 4420 4430 4440 4450 4460 4470
TIME (Hours)
–20
0
20
40
60
80
100
120
108 UNITS
TA = 25°C
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 122. Power Cycle Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40