| データシートサーチシステム |
|
ADR4550ARZ-R7 データシート(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR4550ARZ-R7 データシート(HTML) 38 Page - Analog Devices |
|
38 / 40 page ![]() ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550 Data Sheet Rev. D | Page 38 of 40 POWER CYCLE HYSTERESIS By power cycling large numbers of samples, the power cycle hysteresis can be determined. To keep this measurement independent of other variables and environmental effects, the power cycle testing was performed using a high precision measurement system, including an ultrastable oil bath. Figure 122 shows the power cycle hysteresis. The units were powered down for approximately four hours and then powered up. The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ ADR4550 do not have any power cycle hysteresis even after a long power-down period, making these devices very suitable for equipment which must maintain its calibration accuracy between power cycles. 4370 4380 4390 4400 4410 4420 4430 4440 4450 4460 4470 TIME (Hours) –20 0 20 40 60 80 100 120 108 UNITS TA = 25°C SAMPLE 1 SAMPLE 2 SAMPLE 3 Figure 122. Power Cycle Hysteresis |