データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5744 データシート(PDF) 49 Page - Microchip Technology

部品番号 USB5744
部品情報  4-Port SS/HS USB Controller Hub
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 データシート(HTML) 49 Page - Microchip Technology

Back Button USB5744_V01 Datasheet HTML 43Page - Microchip Technology USB5744_V01 Datasheet HTML 44Page - Microchip Technology USB5744_V01 Datasheet HTML 45Page - Microchip Technology USB5744_V01 Datasheet HTML 46Page - Microchip Technology USB5744_V01 Datasheet HTML 47Page - Microchip Technology USB5744_V01 Datasheet HTML 48Page - Microchip Technology USB5744_V01 Datasheet HTML 49Page - Microchip Technology USB5744_V01 Datasheet HTML 50Page - Microchip Technology USB5744_V01 Datasheet HTML 51Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00001855K-page 49
USB5744
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB5744
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial)
Package:
2G
=
56-pin VQFN
Special (optional):
Blank = Standard Configuration
X01
= Hub Feature Controller disabled
SEU
= Single Event Upset (Low Alpha Emissions Package)
Examples:
a)
USB5744/2G
Tray, Commercial temp., 56-pin VQFN
b)
USB5744-I/2G
Tray, Industrial temp., 56-pin VQFN
c)
USB5744T-I/2G
Tape & reel, Industrial temp., 56-pin VQFN
d)
USB5744T/2G
Tape & reel, Commercial temp., 56-pin VQFN
e)
USB5744/2GX01
Tray, Commercial temp., 56-pin VQFN
Hub Feature Controller disabled
f)
USB5744T-I/2GSEU
Tape & reel, Industrial temp., 56-pin VQFN
Single Event Upset
(Low Alpha Emissions Package)
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
Device Tape & Reel
[X]
Option
Temperature
Range
[-X]
/
XX
Package
XXX
Special
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51