| データシートサーチシステム |
|
USB2514B データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2514B データシート(HTML) 16 Page - Microchip Technology |
|
16 / 57 page ![]() USB251xB/xBi DS00001692D-page 16 2022 Microchip Technology Inc. and its subsidiaries 3.4 Buffer Type Descriptions TABLE 3-4: BUFFER TYPE DESCRIPTIONS Buffer Type Description I Input I/O Input/output IPD Input with internal weak pull-down resistor IPU Input with internal weak pull-up resistor IS Input with Schmitt trigger O12 Output 12 mA I/O12 Input/output buffer with 12 mA sink and 12 mA source I/OSD12 Open drain with Schmitt trigger and 12 mA sink. Meets the I2C-Bus Specification [2] requirements. ICLKx XTAL clock input OCLKx XTAL clock output I-R RBIAS I/O-U Analog input/output defined in USB specification |