データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLC4420A データシート(PDF) 28 Page - STMicroelectronics

部品番号 STLC4420A
部品情報  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A データシート(HTML) 28 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics STLC4420A Datasheet HTML 31Page - STMicroelectronics STLC4420A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Serial host interface
STLC4420A
28/40
register the contents of subsequent DMA read accesses are unpredictable until the DMA is
disabled and restarted.
4.8
Host multi-word reads
The Host may read from multiple consecutive 16-bit registers by keeping SPI_CSX asserted
and continuing to toggle SPI_CLK after the initial 16-bit data phase has completed.
The register address is incremented by 2 at the end of each data phase for all register
address except the DMA data register.
Consecutive reads from the DMA data register are read from the DMA data register with no
address increment.
Figure 20.
Serial host multi-word read
Figure 21.
Serial host multi-word read DMA data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40