データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC02ML データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC02ML
部品情報  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC02ML データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC02ML Datasheet HTML 1Page - Balluff Korea Ltd. BCC02ML Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M323-0000-10-001-PX0334-020
Order Code: BCC02ML
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 239000
ETIM 6.0: EC001855
BCC02ML_0.7_2022-04-14
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance acc. to IEC 60332-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 3: blue
PIN 4: black
Wiring Diagrams



Html Pages

1 2