| データシートサーチシステム |
|
ADSP-SC591 データシート(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 データシート(HTML) 60 Page - Analog Devices |
|
60 / 145 page ![]() Rev. A | Page 60 of 145 | April 2022 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 PC_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 13 | EPPI0 D21 | OSPI0 D7 Notes: See note2 PC_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 14 | EPPI0 D22 | OSPI0 D6 Notes: See note2 PC_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTC Position 15 | EPPI0 D23 | OSPI0 D5 Notes: See note2 PD_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 0 | OSPI0 D4 Notes: See note2 PD_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 1 | EPPI0 D06 | OSPI0 Slave Select Output 1 Notes: See note2 PD_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 2 | EMAC0 Carrier Sense | SHARC2 Core Flag 10 | UART1 RTS Notes: See note2 PD_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 3 | LP0 Acknowl- edgment | SHARC1 Core Flag 11 | UART1 CTS | EMAC0 PTP Aux Input 2 Notes: See note2 PD_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 4 | EPPI0 D07 | OSPI0 DQS | UART1 RX | TIMER0 Alternate Clock Input 1 Notes: See note2 PD_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 5 | EPPI0 D08 | UART1 TX | EMAC0 PTP Aux Input 1 Notes: See note2 PD_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 6 | EMAC0 Receive Error | UART0 CTS Notes: See note2 PD_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 7 | EMAC0 Collision Detect | UART0 RTS Notes: See note2 PD_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 8 | UART0 RX | TIMER0 Alternate Clock Input 0 Notes: See note2 PD_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 9 | UART0 TX Notes: See note2 PD_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 10 | EPPI0 D09 | UART2 RX | TIMER0 Alternate Clock Input 2 Notes: See note2 PD_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 11 | EPPI0 D10 | UART2 TX Notes: See note2 PD_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTD Position 12 | EPPI0 D11 | TIMER0 Timer 6 | UART2 RTS Notes: See note2 Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |