| データシートサーチシステム |
|
SP302CS データシート(PDF) 13 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP302CS データシート(HTML) 13 Page - Sipex Corporation |
|
13 / 18 page ![]() 63 Corporation SIGNAL PROCESSING EXCELLENCE SP301 CONFIGURATIONS IN LOOPBACK MODE Two -Channel Full Duplex RS-232 One-Channel Full Duplex RS-232 & One-Channel Full Duplex RS-422 LOOPBACK Both the SP301 and SP302 have a function called loopback, which is essentially a chip self-test. How- ever, by connecting system test loops with the inputs and outputs of the SP301/302, a system-level diag- nostic can be run on power-up or on command. The RIA1 ROA TOA1 TIA RIB1 ROB TOB1 TIB RS-232 LINE DRIVERS RS-232 RECEIVERS SELECT A = 0 SELECT B = 0 LB = 1 RIA1 ROA TOA1 TIA RIB1 ROB TOB1 TIB TOB2 RIB2 SELECT A = 0 SELECT B = 1 LB = 0 (ACTIVE) VEE 10k 10k VEE 10k 10k VEE 10k 10k RS-232 LINE DRIVER RS-232 RECEIVER RS-422 LINE DRIVER RS-422 RECEIVER test loops can be enabled and disabled allowing both system test and operation with the same components. A maximum data rate for loopback of 3kbps is recommended.Loopbackisapin-programmablefunc- tion, activated by a logic low on the LB pin (19). As |