| データシートサーチシステム |
|
EMMT-AS-150-MK-HS-R2MB データシート(PDF) 3 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
EMMT-AS-150-MK-HS-R2MB データシート(HTML) 3 Page - Festo Corporation. |
|
3 / 3 page ![]() Feature Value Max. brake no-load speed 10000 1/min Brake mass moment of inertia 8.2 kgcm² Switching cycles, holding brake 5 million idle actuations (without friction work!) MTTF, subcomponent 190 years, rotor position sensor MTTFd, subcomponent 380 years, rotor position sensor Energy efficiency ENEFF (CN) / Class 1 5/30/22 - Subject to change - Festo SE & Co. KG 3/3 |