データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP42001 データシート(PDF) 6 Page - M-pulse Microwave Inc.

部品番号 MP42001
部品情報  Silicon Bipolar Low Noise Microwave Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPLUSE [M-pulse Microwave Inc.]
ホームページ  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP42001 データシート(HTML) 6 Page - M-pulse Microwave Inc.

  MP42001 Datasheet HTML 1Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 2Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 3Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 4Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 5Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 6Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP42001 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
6
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Collector
Emitter
B
E
F
4 PLCS.
C
G
Base
H
Emitter
D
A
MP42001-509
TO-72
MP4200135
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.092
0.108
2.34
2.74
B
0.079
0.087
2.01
2.21
C
0.070
1.78
D
0.019
0.025
0.48
0.64
E
0.018
0.022
0.46
0.56
F
0.150
3.81
G
0.003
0.006
0.08
0.15
H
45
°
45
°
MP42001-509
INCHES
MILLIMETERS
DIM
MIN.
MAX.
MIN.
MAX.
A
0.350
0.370
8,89
9,40
B
0.240
0.260
6,11
6,60
C
0.315
0.335
8,00
8,51
D
0.040
1,02
E
0.500
12,70
F
0.016
0.021
0,41
0,53
G
0.190
0.210
4,83
5,33
H
89 DEG 91 DEG 89 DEG 91 DEG
J
0.029
0.043
0,74
1,09
K
43 DEG 47 DEG 43 DEG 47 DEG
L
0.028
0.034
0,71
0,86



Html Pages

1 2 3 4 5 6 7