| データシートサーチシステム |
|
MMPF0200 データシート(PDF) 66 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200 データシート(HTML) 66 Page - NXP Semiconductors |
|
66 / 115 page ![]() 66 NXP Semiconductors PF0200 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Table 82. Register VGEN4CTL - ADDR 0x6F Name Bit # R/W Default Description VGEN4 3:0 R/W 0x80 Sets VGEN4 output voltage. See Table 77 for all possible configurations. VGEN4EN 4 – 0x00 Enables or Disables VGEN4 output 0 = OFF 1 = ON VGEN4STBY 5 R/W 0x00 Set VGEN4 output state when in Standby. Refer to Table 78. VGEN4LPWR 6 R/W 0x00 Enable Low Power mode for VGEN4. Refer to Table 78. UNUSED 7 – 0x00 UNUSED Table 83. Register VGEN5CTL - ADDR 0x70 Name Bit # R/W Default Description VGEN5 3:0 R/W 0x80 Sets VGEN5 output voltage. See Table 77 for all possible configurations. VGEN5EN 4 – 0x00 Enables or Disables VGEN5 output 0 = OFF 1 = ON VGEN5STBY 5 R/W 0x00 Set VGEN5 output state when in Standby. Refer to Table 78. VGEN5LPWR 6 R/W 0x00 Enable Low Power mode for VGEN5. Refer to Table 78. UNUSED 7 – 0x00 UNUSED Table 84. Register VGEN6CTL - ADDR 0x71 Name Bit # R/W Default Description VGEN6 3:0 R/W 0x80 Sets VGEN6 output voltage. See Table 77 for all possible configurations. VGEN6EN 4 – 0x00 Enables or Disables VGEN6 output 0 = OFF 1 = ON VGEN6STBY 5 R/W 0x00 Set VGEN6 output state when in Standby. Refer to Table 78. VGEN6LPWR 6 R/W 0x00 Enable Low Power mode for VGEN6. Refer to Table 78. UNUSED 7 – 0x00 UNUSED |