| データシートサーチシステム |
|
MPC5606BAVLL4R データシート(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5606BAVLL4R データシート(HTML) 45 Page - NXP Semiconductors |
|
45 / 114 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 45 2 The configuration PAD3V5 = 1 when V DD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. Table 18. MEDIUM configuration output buffer electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value Unit Min Typ Max VOH CC C Output high level MEDIUM configuration Push Pull IOH = −3.8 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— V PIOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— CIOH = −1mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 2 2 The configuration PAD3V5 = 1 when V DD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 0.8VDD —— CIOH = −1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD − 0.8 — — CIOH = −100 µA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— VOL CC C Output low level MEDIUM configuration Push Pull IOL = 3.8 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 0.2VDD V PIOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD CIOL = 1 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 2 — — 0.1VDD CIOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 CIOL = 100 µA, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 0.1VDD |