データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5607BAMLL6R データシート(PDF) 33 Page - NXP Semiconductors

部品番号 MPC5607BAMLL6R
部品情報  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL6R データシート(HTML) 33 Page - NXP Semiconductors

Back Button MPC5607BAMLL6R Datasheet HTML 29Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 30Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 31Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 32Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 33Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 34Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 35Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 36Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
33
PI[15]
PCR[143] AF0
AF1
AF2
AF3
—
GPIO[143]
CS0_4
—
—
ADC0_S[23]
SIUL
DSPI_4
—
—
ADC_0
I/O
I/O
—
—
I
J
Tristate
—
—
75
T8
Port J
PJ[0]
PCR[144] AF0
AF1
AF2
AF3
—
GPIO[144]
CS1_4
—
—
ADC0_S[24]
SIUL
DSPI_4
—
—
ADC_0
I/O
O
—
—
I
J
Tristate
—
—
74
N5
PJ[1]
PCR[145] AF0
AF1
AF2
AF3
—
—
GPIO[145]
—
—
—
ADC0_S[25]
SIN_5
SIUL
—
—
——
ADC_0
DSPI_5
I/O
—
—
—
I
I
J
Tristate
—
—
73
P5
PJ[2]
PCR[146] AF0
AF1
AF2
AF3
—
GPIO[146]
CS0_5
—
—
ADC0_S[26]
SIUL
DSPI_5
—
—
ADC_0
I/O
I/O
—
—
I
J
Tristate
—
—
72
P4
PJ[3]
PCR[147] AF0
AF1
AF2
AF3
—
GPIO[147]
CS1_5
—
—
ADC0_S[27]
SIUL
DSPI_5
—
—
ADC_0
I/O
O
—
—
I
J
Tristate
—
—
71
P2
PJ[4]
PCR[148] AF0
AF1
AF2
AF3
GPIO[148]
SCK_5
E1UC[18]
—
SIUL
DSPI_5
eMIOS_1
—
I/O
I/O
I/O
—
MTristate
—
—
5
A4
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module.
PCR.PA = 00
→ AF0; PCR.PA = 01 → AF1; PCR.PA = 10 → AF2; PCR.PA = 11 → AF2. This is intended to
select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of
the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is
reported as “—”.
2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMIO.PADSELx bitfields inside the SIUL module.
3 The RESET configuration applies during and after reset.
4 208 MAPBGA available only as development package for Nexus2+
5 All WKPU pins also support external interrupt capability. See the WKPU chapter for further details.
6 NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
Table 5. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
100
LQFP
144
LQFP
176
LQFP
208
MAP
BGA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More