| データシートサーチシステム |
|
PPC5605BAVLL4R データシート(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAVLL4R データシート(HTML) 33 Page - NXP Semiconductors |
|
33 / 114 page ![]() Package pinouts and signal descriptions MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 33 PI[15] PCR[143] AF0 AF1 AF2 AF3 — GPIO[143] CS0_4 — — ADC0_S[23] SIUL DSPI_4 — — ADC_0 I/O I/O — — I J Tristate — — 75 T8 Port J PJ[0] PCR[144] AF0 AF1 AF2 AF3 — GPIO[144] CS1_4 — — ADC0_S[24] SIUL DSPI_4 — — ADC_0 I/O O — — I J Tristate — — 74 N5 PJ[1] PCR[145] AF0 AF1 AF2 AF3 — — GPIO[145] — — — ADC0_S[25] SIN_5 SIUL — — —— ADC_0 DSPI_5 I/O — — — I I J Tristate — — 73 P5 PJ[2] PCR[146] AF0 AF1 AF2 AF3 — GPIO[146] CS0_5 — — ADC0_S[26] SIUL DSPI_5 — — ADC_0 I/O I/O — — I J Tristate — — 72 P4 PJ[3] PCR[147] AF0 AF1 AF2 AF3 — GPIO[147] CS1_5 — — ADC0_S[27] SIUL DSPI_5 — — ADC_0 I/O O — — I J Tristate — — 71 P2 PJ[4] PCR[148] AF0 AF1 AF2 AF3 GPIO[148] SCK_5 E1UC[18] — SIUL DSPI_5 eMIOS_1 — I/O I/O I/O — MTristate — — 5 A4 1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00 → AF0; PCR.PA = 01 → AF1; PCR.PA = 10 → AF2; PCR.PA = 11 → AF2. This is intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMIO.PADSELx bitfields inside the SIUL module. 3 The RESET configuration applies during and after reset. 4 208 MAPBGA available only as development package for Nexus2+ 5 All WKPU pins also support external interrupt capability. See the WKPU chapter for further details. 6 NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored. Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |