| データシートサーチシステム |
|
PPC5605BAMLU4R データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLU4R データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 8 3 Package pinouts and signal descriptions 3.1 Package pinouts The available LQFP pinouts and the ballmap are provided in the following figures. For pin signal descriptions, please see Table 5. Figure 2 shows the MPC5607B in the 176 LQFP package. Figure 2. 176 LQFP pin configuration 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 PA[11] PA[10] PA[9] PA[8] PA[7] PE[13] PF[14] PF[15] VDD_HV VSS_HV PG[0] PG[1] PH[3] PH[2] PH[1] PH[0] PG[12] PG[13] PA[3] PI[13] PI[12] PI[11] PI[10] PI[9] PI[8] PB[15] PD[15] PB[14] PD[14] PB[13] PD[13] PB[12] PD[12] VDD_HV_ADC1 VSS_HV_ADC1 PB[11] PD[11] PD[10] PD[9] PB[7] PB[6] PB[5] VDD_HV_ADC0 VSS_HV_ADC0 PB[3] PC[9] PC[14] PC[15] PJ[4] VDD_HV VSS_HV PH[15] PH[13] PH[14] PI[6] PI[7] PG[5] PG[4] PG[3] PG[2] PA[2] PE[0] PA[1] PE[1] PE[8] PE[9] PE[10] PA[0] PE[11] VSS_HV VDD_HV VSS_HV RESET VSS_LV VDD_LV VDD_BV PG[9] PG[8] PC[11] PC[10] PG[7] PG[6] PB[0] PB[1] PF[9] PF[8] PF[12] PC[6] 176 LQFP Top view |