| データシートサーチシステム |
|
VV5430 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV5430 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 33 page ![]() Write to Camera VV5430 CD5430F-A 28/33 Gain and Gain Ceiling Header Code = 0101 Valid data bits: 4 This register is used to select an external gain value when automatic gain control is inhibited (AGC = 0) and to set the gain ceiling while automatic gain control is active (AGC = 1). The table below shows the valid gain codes. Bit Function Default Comment 0 Gain value G[0] 0 Default gain value 1 Gain value G[1] 0 2 Gain value G[2] 0 3 Gain Value G[3] 0 Default gain ceiling 4-11 Unused Table 20 : Gain Register G[3] G[2] G[1] G[0] Gain Comment 000 0 1 Default gain value 000 1 2 001 1 4 011 1 8 Default gain ceiling 111 1 16 Table 21 : Gain Values |