データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4812 データシート(PDF) 1 Page - Summit Microelectronics, Inc.

部品番号 SMH4812
部品情報  Distributed Power Hot-Swap Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4812 データシート(HTML) 1 Page - Summit Microelectronics, Inc.

  SMH4812 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4812 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Characteristics subject to change without notice
2055 4.0 12/22/00
SMH4812
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2000 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-3970 • FAX 408-378-6586 • www.summitmicro.com
Preliminary
Distributed Power Hot-Swap Controller
FEATURES
SIMPLIFIED APPLICATION DRAWING
!
!
!
!
! Soft Starts Main Power Supply on Card Insertion
or System Power Up
!
!
!
!
! Senses Card Insertion via Short Pins or Ejector
Switches
!
!
!
!
! Master Enable to Allow System Control of Power
Up or Down
"
""
"
" Can be used as a Temperature Sense Input
!
!
!
!
! Programmable Independent Controls of a DC/DC
Converter
"
""
"
" Not Enabled until Host Supply Fully Soft
Started
"
""
"
" Programmable Time Delay
"
""
"
" Available Input to hold off Dependant Enables
until Conditions are Satisfied
!
!
!
!
! Highly Programmable Circuit Breaker
"
""
"
" Programmable Quick-TripTM Values
"
""
"
" Programmable Current Limiting
"
""
"
" Programmable Duty Cycle Times
"
""
"
" Programmable Over-current Filter
!
!
!
!
! Programmable Host Voltage Fault Monitoring
"
""
"
" Programmable Under-Voltage Hysteresis
"
""
"
" Programmable UV/OV Voltage Filter
"
""
"
" Programmable Fault Mode: Latched or Duty
Cycle
!
!
!
!
! Programmable Forced Shutdown Timer
!
!
!
!
! 2.5V and 5.0V Reference Outputs
"
""
"
" Eliminates the Need for Other Primary Volt-
ages
"
""
"
" Easy Expansion of External Monitor Func-
tions
!
!
!
!
! Supply Range +20VDC to >+500VDC
VDD
VSS
CBSENSE
PD1#
PD2#
UV
OV
2.5VREF
PG2#
5.0VREF
2055 SAD 1.1
0V
–48V
VGATE
Pin Detect
Pin Detect
DC/DC
SMH4812
FAULT#
ENPG
Disable/Enable
FS#


同様の部品番号 - SMH4812

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
More results

同様の説明 - SMH4812

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
Distributed Power Hot-Swap Controller
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com