| データシートサーチシステム |
|
SMM150 データシート(PDF) 18 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM150 データシート(HTML) 18 Page - Summit Microelectronics, Inc. |
|
18 / 22 page ![]() SMM150 Preliminary Information Summit Microelectronics, Inc 2075 2.6 05/13/05 18 S T A R T W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P N A C K Master Master Slave Slave A C K Data (n) Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 S T A R T R A C K A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) Bus Address Bus Address A 2 A 1 A 0 10 S A 1 S A 0 A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 16 - General Purpose Memory Read S T A R T W A C K Master Slave A C K Command and Status Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Data A C K Bus Address A 2 A 1 A 0 10 S A 1 S A 0 Figure 17 – Command and Status Register Write S T A R T W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P N A C K Master Master Slave Slave A C K Data (n) Command and Status Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 S T A R T R A C K A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) Bus Address Bus Address A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 A 2 A 1 A 0 10 S A 1 S A 0 Figure 18 - Command and Status Register Read I2C PROGRAMMING INFORMATION (CONTINUED) |