| データシートサーチシステム |
|
SMS66 データシート(PDF) 22 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMS66 データシート(HTML) 22 Page - Summit Microelectronics, Inc. |
|
22 / 26 page ![]() SMS66 Preliminary Information Summit Microelectronics, Inc 2070 1.0 7/16/03 22 S T A R T 1 Bus Address W A C K Master Slave A C K 0 1 S A 0 Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Data A C K 0 A 2 0 / 1 Figure 13 – General Purpose Memory Byte Write Bus Address 0 A 2 0 / 1 S T A R T 1 W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Master Master Slave Slave A C K Data (16) 0 1 S A 0 Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (2) A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K Figure 14 - General Purpose Memory Page Write S T A R T 1 W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P N A C K Master Master Slave Slave A C K Data (n) 0 1 S A 0 Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 S T A R T 1 R A C K 1 S A 0 0 A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) Bus Address 0 A 2 0 / 1 Bus Address 0 A 2 0 / 1 Figure 15 - General Purpose Memory Read I2C PROGRAMMING INFORMATION (CONTINUED) |