| データシートサーチシステム |
|
TLE4953X データシート(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4953X データシート(HTML) 18 Page - Infineon Technologies AG |
|
18 / 21 page ![]() TLE4953x Package Information Data Sheet 18 Version 4.1, 2018-01-02 4 Package Information Pure tin covering (green lead plating) is used. Lead frame material is Wieland K62 (UNS: C18090) and contains CuSn1CrNiTi. Product is RoHS (Restriction of Hazardous Substances) compliant and marked with letter G in front of the data code marking and may contain a data matrix code on the rear side of the package (see also information note 136/03). Please refer to your key account team or regional sales if you need further information. Figure 4-1 Pin Configuration (top view) Figure 4-2 Package Outline |