| データシートサーチシステム |
|
BLF178P データシート(PDF) 2 Page - Ampleon Netherlands B.V. |
|
|
|||||||||||||||||||||||||||||
BLF178P データシート(HTML) 2 Page - Ampleon Netherlands B.V. |
|
2 / 13 page ![]() BLF178P#3 All information provided in this document is subject to legal disclaimers. © Ampleon The Netherlands B.V. 2015. All rights reserved. Product data sheet Rev. 3 — 1 September 2015 2 of 13 BLF178P Power LDMOS transistor 2. Pinning information [1] Connected to flange. 3. Ordering information 4. Limiting values Table 2. Pinning Pin Description Simplified outline Graphic symbol 1drain1 2drain2 3gate1 4gate2 5source [1] 5 12 4 3 4 3 5 1 2 sym117 Table 3. Ordering information Type number Package Name Description Version BLF178P - flanged balanced LDMOST ceramic package; 2 mounting holes; 4 leads SOT539A Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage - 110 V VGS gate-source voltage 0.5 +11 V ID drain current - 88 A Tstg storage temperature 65 +150 C Tj junction temperature - 225 C |