| データシートサーチシステム |
|
78DXXA-TN3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78DXXA-TN3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() 78DxxA Linear Integrated Circuit UNISONIC TECHNOLOGIES CO., LTD 2 www.unisonic.com.tw QW-R101-010,F BLOCK DIAGRAM 3 1 2 GN D OU T P U T IN P U T R13 R 17 R9 Z2 T12 T14 R19 R18 R12 R11 R 10 R8 T8 T9 T13 T10 R14 T11 T5 T6 R5 T4 Z1 R15 T15 R16 R1 R 2 R4 C1 R6 T7 T3 T1 T2 R3 R7 APPLICATION CIRCUIT UTC 78DXXA 3 2 1 C0 0.1 µF C1 0.33 µF Vi Vo Note:Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators. |