| データシートサーチシステム |
|
BLF2425M7LS250P データシート(PDF) 2 Page - Ampleon Netherlands B.V. |
|
|
|||||||||||||||||||||||||||||
BLF2425M7LS250P データシート(HTML) 2 Page - Ampleon Netherlands B.V. |
|
2 / 11 page ![]() BLF2425M7L250P_2425M7LS250P#5 All information provided in this document is subject to legal disclaimers. © Ampleon The Netherlands B.V. 2015. All rights reserved. Product data sheet Rev. 5 — 1 September 2015 2 of 11 BLF2425M7L(S)250P Power LDMOS transistor 2. Pinning information [1] Connected to flange. 3. Ordering information 4. Limiting values Table 2. Pinning Pin Description Simplified outline Graphic symbol BLF2425M7L250P (SOT539A) 1drain1 2drain2 3gate1 4gate2 5source [1] BLF2425M7LS250P (SOT539B) 1drain1 2drain2 3gate1 4gate2 5source [1] 5 12 4 3 4 3 5 1 2 sym117 5 12 4 3 4 3 5 1 2 sym117 Table 3. Ordering information Type number Package Name Description Version BLF2425M7L250P - flanged balanced ceramic package; 2 mounting holes; 4 leads SOT539A BLF2425M7LS250P - earless flanged balanced ceramic package; 4 leads SOT539B Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage - 65 V VGS gate-source voltage 0.5 +13 V Tstg storage temperature 65 +150 C Tj junction temperature - 225 C |