| データシートサーチシステム |
|
BLF984PS データシート(PDF) 2 Page - Ampleon Netherlands B.V. |
|
|
|||||||||||||||||||||||||||||
BLF984PS データシート(HTML) 2 Page - Ampleon Netherlands B.V. |
|
2 / 14 page ![]() BLF984P_BLF984PS All information provided in this document is subject to legal disclaimers. © Ampleon Netherlands B.V. 2020. All rights reserved. Product data sheet Rev. 2 — 29 July 2020 2 of 14 BLF984P; BLF984PS Power LDMOS transistor 2. Pinning information [1] Connected to flange. 3. Ordering information 4. Limiting values [1] Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF calculator. Table 3. Pinning Pin Description Simplified outline Graphic symbol BLF984P (SOT1121A) 1drain1 2drain2 3gate1 4gate2 5source [1] BLF984PS (SOT1121B) 1drain1 2drain2 3gate1 4gate2 5source [1] 2 4 5 3 1 4 3 5 1 2 sym117 12 34 5 4 3 5 1 2 sym117 Table 4. Ordering information Type number Package Name Description Version BLF984P - flanged LDMOST ceramic package; 2 mounting holes; 4 leads SOT1121A BLF984PS - earless flanged ceramic package; 4 leads SOT1121B Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage - 108 V VGS gate-source voltage 6+11 V Tstg storage temperature 65 +150 C Tj junction temperature [1] - 225 C |