データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC08LP データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC08LP
部品情報  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC08LP データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC08LP Datasheet HTML 1Page - Balluff Korea Ltd. BCC08LP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1A-017-VX8534-300
Order Code: BCC08LP
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 282504
ETIM 6.0: EC001855
BCC08LP_0.34_2022-01-17
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame-retarding acc. to IEC 60332-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: gray
Wiring Diagrams



Html Pages

1 2