| データシートサーチシステム |
|
107721 データシート(PDF) 21 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
107721 データシート(HTML) 21 Page - PHOENIX CONTACT |
|
21 / 28 page ![]() QUINT4-PS/1AC/24DC/2.5/SC 107721_en_00 PHOENIX CONTACT 21 / 28 9.3 Output By default, the power supply is pre-set to a nominal output voltage of 24 V DC. The output voltage is adjusted using the potentiometer. 9.4 Protection of the secondary side The power supply is electronically short-circuit-proof and no-load-proof. In the event of an error, the output voltage is limited If sufficiently long connecting cables are used, fuse protection does not have to be provided for each individual load. If each load is protected separately with its own protective device, the selective shutdown in the event of a fault enables the system to remain operational. |