データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE12410BMN+H データシート(PDF) 1 Page - ACE Technology Co., LTD.

部品番号 ACE12410BMN+H
部品情報  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE12410BMN+H データシート(HTML) 1 Page - ACE Technology Co., LTD.

  ACE12410BMN+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE12410BMN+H Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE12410B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Features
VDS (V) = 20V
ID = 11.5A
RDS(ON) = 10.5mΩ@VGS=4.5V
RDS(ON) = 14mΩ@VGS=2.5V
General Description
load switch
battery protection applications
ESD Protection
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
*AC
TA=25
OC
ID
11.5
A
TA=70
OC
9.2
Drain Current (Pulse)
*B
IDM
32
Power Dissipation
TA=25
OC
PD
2.8
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
OC
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C:
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating, package limited 8A.
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Unit
Maximum Junction-to-Ambient
t ≤10s
R
thJA
45
°C/W


同様の部品番号 - ACE12410BMN+H

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE124419B ACE-ACE124419B Datasheet
174Kb / 2P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

同様の説明 - ACE12410BMN+H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com