データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC04RM データシート(PDF) 1 Page - Balluff Korea Ltd.

部品番号 BCC04RM
部品情報  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC04RM データシート(HTML) 1 Page - Balluff Korea Ltd.

  BCC04RM Datasheet HTML 1Page - Balluff Korea Ltd. BCC04RM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC VC44-0000-10-053-VX8350-100
Order Code: BCC04RM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 241638
ETIM 6.0: EC001855
BCC04RM_0.73_2022-06-13
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Display/Operation
Function indicator
LED yellow
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PVC gray, 10 m
Cable diameter D
5.00 mm ±0.20 mm
Conductor cross-section
0.50 mm²
Connection
C, Ind.-0°/180°-Valve connector,
angled, 4-pin
Connector configuration
right-angle
Number of conductors
3
Number of pins
4
System
Molded
Electrical data
Operating voltage Ub
24 VDC / 24 VAC
Rated current (40 °C)
4.0 A
Suppressor
Suppressor diode
Environmental conditions
Cable temperature, fixed routing
-40...105 °C
Cable temperature, flexible routing
-5...105 °C
IP rating
IP67
Material
Cable jacket, material
PVC
Material contact carrier
PBT
Material contacts
Brass
Material grip
PUR
Material locking screw
Steel
Mechanical data
Cable jacket, color
gray
Cable length L
10.00 m
Tightening torque pigtail
0.5 Nm


同様の部品番号 - BCC04RM

メーカー部品番号データシート部品情報
logo
Balluff Korea Ltd.
BCC04RF BALLUFF-BCC04RF Datasheet
97Kb / 2P
Single-Ended Cordsets
0.75_2022-04-14
BCC04RH BALLUFF-BCC04RH Datasheet
96Kb / 2P
Single-Ended Cordsets
0.7_2022-04-14
BCC04RJ BALLUFF-BCC04RJ Datasheet
97Kb / 2P
Single-Ended Cordsets
0.81_2022-07-14
BCC04RK BALLUFF-BCC04RK Datasheet
96Kb / 2P
Single-Ended Cordsets
0.67_2022-01-17
BCC04RL BALLUFF-BCC04RL Datasheet
96Kb / 2P
Single-Ended Cordsets
0.77_2022-07-14
More results

同様の説明 - BCC04RM

メーカー部品番号データシート部品情報
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com