データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QLSP19WNK データシート(PDF) 13 Page - Quelighting Corp

部品番号 QLSP19WNK
部品情報  This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  QUELIGHTING [Quelighting Corp]
ホームページ  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP19WNK データシート(HTML) 13 Page - Quelighting Corp

Back Button QLSP19WNK Datasheet HTML 6Page - Quelighting Corp QLSP19WNK Datasheet HTML 7Page - Quelighting Corp QLSP19WNK Datasheet HTML 8Page - Quelighting Corp QLSP19WNK Datasheet HTML 9Page - Quelighting Corp QLSP19WNK Datasheet HTML 10Page - Quelighting Corp QLSP19WNK Datasheet HTML 11Page - Quelighting Corp QLSP19WNK Datasheet HTML 12Page - Quelighting Corp QLSP19WNK Datasheet HTML 13Page - Quelighting Corp QLSP19WNK Datasheet HTML 14Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
12
QLSP19WXK-255 V1.1
Labeling
Ordering Information:
Part #
Multiple Quantities
Quantity per Reel
QLSP19WXK-255
17000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14