データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GL620USB データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 GL620USB
部品情報  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL620USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-7-
GL620USB
in the left 8-byte FIFO. Right host can request an interrupt transfer to get the setup command from left host. The
status stage of the left side control transfer will not be terminated until that the right side get the setup command
via interrupt transfer.
-
Right 8-byte FIFO: provide a pipe to link right endpoint 0 and left endpoint 3.
-
Left 64-bytes DATA0/DATA1 FIFOs: provide a pipe to link left endpoint 2 and right endpoint 1. For
example, if left host wants to transfer data to right host, left host can issue bulk write transfer and the payload will
be stored in the left 64-byte FIFOs. Right host can request a bulk read transfer to get the data from left host.
-
Right 64-bytes DATA0/DATA1 FIFOs: provide a pipe to link right endpoint 2 and left endpoint 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12