データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP4T80100 データシート(PDF) 3 Page - M-pulse Microwave Inc.

部品番号 MP4T80100
部品情報  8 Volt, NPN Transistor Medium Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPLUSE [M-pulse Microwave Inc.]
ホームページ  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T80100 データシート(HTML) 3 Page - M-pulse Microwave Inc.

  MP4T80100 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T80100 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8 Volt, Mediam Power Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avenue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T801 Series
0.060
1.525
0.030
0.762
0.30
7.62
TYP.
0.132
5.42
DIA
0.205
5.21
DIA
0.020
0.51
0.053
1.35
0.003
0.076
1
2
4
3
Notes: (unless otherwise specified)
1. Dimensions are in / mm
2. Tolerance: in .xxx =
±.005; mm .xx = ±.13
Pin Configuration
Pin Number
Pin Description
1
Collector
2 & 4
Emitter
3
Base
Ordering Information
Model No.
Package
MP4T801510
BeO Ceramic



Html Pages

1 2 3