| データシートサーチシステム |
|
PIC12F510-E/SP データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F510-E/SP データシート(HTML) 30 Page - Microchip Technology |
|
30 / 114 page ![]() PIC12F510/16F506 DS41268B-page 28 Preliminary © 2006 Microchip Technology Inc. FIGURE 5-2: BLOCK DIAGRAM OF GP0/RB0 AND GP1/RB1 FIGURE 5-3: BLOCK DIAGRAM OF GP3/RB3 (With Weak Pull-up And Wake-up On Change) Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. D CK Q Mis-Match RBPU GPPU ADC pin Ebl COMP pin Ebl ADC COMP I/O Pin(1) Data Bus RD Port Note 1: GP3/MCLR pin has a protection diode to VSS only. GPPU D CK Q Mis-match MCLRE RBPU Reset I/O Pin(1) |