データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F616-E/MLQTP データシート(PDF) 3 Page - Cirrus Logic

部品番号 PIC16F616-E/MLQTP
部品情報  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEX [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/MLQTP データシート(HTML) 3 Page - Cirrus Logic

  PIC16F616-E/MLQTP Datasheet HTML 1Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 2Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 3Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 4Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 5Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 6Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 7Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 8Page - Cirrus Logic PIC16F616-E/MLQTP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 1
PIC16F616/16HV616
High-Performance RISC CPU:
• Only 35 instructions to learn:
- All single-cycle instructions except branches
• Operating speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency: 4 MHz or 8
MHz
• Power-Saving Sleep mode
• Voltage range:
- PIC16F616: 2.0V to 5.5V
- PIC16HV616: 2.0V to user defined maximum
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with independent
oscillator for reliable operation
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection
• High Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: > 40 years
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
-20
μA @ 32 kHz, 2.0V, typical
-220
μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
Peripheral Features:
• Shunt Voltage Regulator (PIC16HV616 only):
- 5 volt regulation
- 4 mA to 50 mA shunt range
• 11 I/O pins and 1 input only
• High current source/sink for direct LED drive
- Interrupt-on-Change pin
- Individually programmable weak pull ups
• Analog Comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
- Comparator inputs and outputs externally
accessible
-SR Latch
- Built-In Hysteresis (user selectable)
• A/D Converter:
- 10-bit resolution and 8 channels
• Timer0: 8-bit timer/counter with 8-bit programma-
ble prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Timer1 Gate (count enable)
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator if INTOSC mode
selected
- Option to use system clock as Timer1
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Enhanced Capture, Compare, PWM module:
- 16-bit Capture, max resolution 12.5 ns
- Compare, max resolution 200 ns
- 10-bit PWM with 1, 2 or 4 output channels,
programmable “dead time”, max frequency
20 kHz
• In-Circuit Serial ProgrammingTM (ICSPTM) via two
pins
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More