| データシートサーチシステム |
|
PIC18F4450-E/ML データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4450-E/ML データシート(HTML) 22 Page - Microchip Technology |
|
22 / 320 page ![]() PIC18F2450/4450 DS39760A-page 20 Advance Information © 2006 Microchip Technology Inc. PORTD is a bidirectional I/O port. RD0 19 38 38 I/O ST Digital I/O. RD1 20 39 39 I/O ST Digital I/O. RD2 21 40 40 I/O ST Digital I/O. RD3 22 41 41 I/O ST Digital I/O. RD4 27 2 2 I/O ST Digital I/O. RD5 28 3 3 I/O ST Digital I/O. RD6 29 4 4 I/O ST Digital I/O. RD7 30 5 5 I/O ST Digital I/O. TABLE 1-3: PIC18F4450 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: These pins are No Connect unless the ICPRT Configuration bit is set. For NC/ICPORTS, the pin is No Connect unless ICPRT is set and the DEBUG Configuration bit is cleared. |