| データシートサーチシステム |
|
PIC16F616-E/PQTP データシート(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/PQTP データシート(HTML) 7 Page - Cirrus Logic |
|
7 / 172 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41288A-page 5 PIC16F616/16HV616 1.0 DEVICE OVERVIEW The PIC16F616/16HV616 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and QFN packages. Figure 1-1 shows a block diagram of the PIC16F616/16HV616 device. Table 1-1 shows the pinout description. FIGURE 1-1: PIC16F616/16HV616 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA 8 8 8 3 8-Level Stack 128 Bytes 2K X 14 (13-Bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VSS Brown-out Reset Timer0 Timer1 RA0 RA1 RA2 RA3 RA4 RA5 2 Analog Comparators T0CKI INT T1CKI Configuration Internal Oscillator and Reference T1G PORTC VDD Timer2 Block Shunt Regulator (PIC16HV616 only) Analog-To-Digital Converter RC0 RC1 RC2 RC3 RC4 RC5 ECCP Comparator Voltage Reference Absolute Voltage Reference |