| データシートサーチシステム |
|
USB5744T/2G データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744T/2G データシート(HTML) 41 Page - Microchip Technology |
|
41 / 51 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00001855L-page 41 USB5744 11.0 PACKAGE INFORMATION 11.1 Package Marking Information * Standard device marking consists of Microchip part number, year code, week code and traceability code. For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: i Temperature range designator (Blank = commercial, i = industrial) R Product revision nnn Internal code e3 Pb-free JEDEC® designator for Matte Tin (Sn) V Plant of assembly COO Country of origin YY Year code (last two digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 56-VQFN (7x7 mm) PIN 1 USB5744i Rnnn e3 VCOO YYWWNNN e3 |