データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5744-I/2GSEU データシート(PDF) 30 Page - Microchip Technology

部品番号 USB5744-I/2GSEU
部品情報  4-Port SS/HS USB Controller Hub
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744-I/2GSEU データシート(HTML) 30 Page - Microchip Technology

Back Button USB5744-I/2GSEU Datasheet HTML 26Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 27Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 28Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 29Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 30Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 31Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 32Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 33Page - Microchip Technology USB5744-I/2GSEU Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
USB5744
DS00001855L-page 30
2022 Microchip Technology Inc. and its subsidiaries
Note:
The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro-
priate ports. For example, in the application shown in Figure 8-7, CFG_BC_EN must be connected to an
external 10 kΩ pull-down resistor to enable battery charging on Ports 1 and 2. For more information on the
CFG_BC_EN configuration strap, refer to Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51