| データシートサーチシステム |
|
PIC12F510-I/LSQTP データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F510-I/LSQTP データシート(HTML) 56 Page - Microchip Technology |
|
56 / 114 page ![]() PIC12F510/16F506 DS41268B-page 54 Preliminary © 2006 Microchip Technology Inc. REGISTER 9-2: ADRES REGISTER EXAMPLE 9-1: PERFORMING AN ANALOG-TO-DIGITAL CONVERSION EXAMPLE 9-2: CHANNEL SELECTION CHANGE DURING CONVERSION R-X R-X R-X R-X R-X R-X R-X R-X ADRES7 ADRES6 ADRES5 ADRES4 ADRES3 ADRES2 ADRES1 ADRES0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown ;Sample code operates out of BANK0 MOVLW 0xF1 ;configure A/D MOVWF ADCON0 BSF ADCON0, 1 ;start conversion loop0 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop0 MOVF ADRES, W ;read result MOVWF result0 ;save result BSF ADCON0, 2 ;setup for read of ;channel 1 BSF ADCON0, 1 ;start conversion loop1 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop1 MOVF ADRES, W ;read result MOVWF result1 ;save result BSF ADCON0, 3 ;setup for read of BCF ADCON0, 2 ;channel 2 BSF ADCON0, 1 ;start conversion loop2 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop2 MOVF ADRES, W ;read result MOVWF result2 ;save result MOVLW 0xF1 ;configure A/D MOVWF ADCON0 BSF ADCON0, 1 ;start conversion BSF ADCON0, 2 ;setup for read of ;channel 1 loop0 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop0 MOVF ADRES, W ;read result MOVWF result0 ;save result BSF ADCON0, 1 ;start conversion BSF ADCON0, 3 ;setup for read of BCF ADCON0, 2 ;channel 2 loop1 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop1 MOVF ADRES, W ;read result MOVWF result1 ;save result BSF ADCON0, 1 ;start conversion loop2 BTFSC ADCON0, 1;wait for ‘DONE’ GOTO loop2 MOVF ADRES, W ;read result MOVWF result2 ;save result CLRF ADCON0 ;optional: returns ;pins to Digital mode and turns off ;the ADC module |